Part Number Hot Search : 
TMS570 53120 L6316 HPC722 4758A TPDV1040 4LS32 F4300R
Product Description
Full Text Search
 

To Download RL1N4007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
RL1N4001 THRU RL1N4007
SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FEATURES
* * * * High reliability Low leakage Low forward voltage drop High current capability
A-405
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.20 gram
.025 (0.6) DIA. .021 (0.5)
1.0 (25.4) MIN.
.205 (5.2) .166 (4.2)
.107 (2.7) DIA. .080 (2.0)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 55 oC Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note) Typical Thermal Resistance Operating and Storage Temperature Range ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0A DC Maximum DC Reverse Current @TA = 25 oC at Rated DC Blocking Voltage @TA = 100 oC Maximum Full Load Reverse Current Average, Full Cycle o .375" (9.5mm) lead length at TL = 75 C NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts SYMBOL VF RL1N4001 RL1N4002 RL1N4003 RL1N4004 RL1N4005 RL1N4006 RL1N4007 UNITS 1.1 Volts 5.0 uAmps 50 30 uAmps 2001-5 SYMBOL VRRM VRMS VDC IO IFSM CJ R JA TJ, TSTG RL1N4001 RL1N4002 RL1N4003 RL1N4004 RL1N4005 RL1N4006 RL1N4007 UNITS 50 35 50 100 70 100 200 140 200 400 280 400 1.0 30 15 50 -65 to + 175
0
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps pF C/ W 0 C
IR
RATING AND CHARACTERISTIC CURVES ( RL1N4001 THRU RL1N4007 )
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 1 - TYPICAL FORWARD CURRENT FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
DERATING CURVE
CHARACTERISTICS 20 10 4 2 1.0 .4 .2 .1 .04 .02 .01 .6
AVERAGE FORWARD CURRENT, (A)
1.0
.8
.6
.4 .2 0 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE, ( )
Single Phase Half Wave 60Hz Resistive or Inductive Load
TJ = 25 Pulse Width=300uS 1% Duty Cycle
.8
1.0
1.2
1.4 1.5
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD
50 40 30 20 10 0 1 2 4 6 8 10 20 40 6080100 NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave (JEDED Method)
INSTANTANEOUS REVERSE CURRENT, (uA)
PEAK FORWARD SURGE CURRENT, (A)
SURGE CURRENT
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10 4
TJ = 100
1.0 .4 .1 .04 .01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ = 25
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE, (pF)
200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100
TJ = 25
REVERSE VOLTAGE, ( V )
RECTRON


▲Up To Search▲   

 
Price & Availability of RL1N4007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X